|
If you can't view the Datasheet, Please click here to try to view without PDF Reader . |
|
Datasheet File OCR Text: |
MMBZ5226B - MMBZ5257B Series MMBZ5226B - MMBZ5257B Series Zeners Tolerance: B = 5% Absolute Maximum Ratings* Parameter Storage Temperature Range Maximum Junction Operating Temperature Total Device Dissipation Derate above 25C TA = 25C unless otherwise noted 3 Value -55 to +150 + 150 350 2.8 Units C C mW mW/C 1 2 SOT-23 CONNECTION *These ratings are limiting values above which the serviceability of the diode may be impaired. NOTES: 1) These ratings are based on a maximum junction temperature of 150 degrees C. 2) These are steady state limits. The factory should be consulted on applications involving pulsed or low duty cycle operations. DIAGRAM 3 1 2 NC Electrical Characteristics Device Mark VZ (V) TA = 25C unless otherwise noted ZZ () 28 24 23 22 19 17 11 7.0 7.0 5.0 6.0 8.0 8.0 10 17 22 30 @ IZT (mA) 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 20 ZZK () 1,600 1,700 1,900 1,000 1,900 1,600 1,600 1,600 1,000 750 500 500 600 600 600 600 600 @ IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 VR (V) 1.0 1.0 1.0 1.0 2.0 2.0 3.0 3.5 4.0 5.0 6.0 6.5 6.5 7.0 8.0 8.4 9.1 @ IR (A) 25 15 10 5.0 5.0 5.0 5.0 5.0 5.0 3.0 3.0 3.0 3.0 3.0 3.0 2.0 1.0 3.3 8A MMBZ 5226B 3.6 8B MMBZ 5227B 3.9 8C MMBZ 5228B 4.3 8D MMBZ 5229B 4.7 8E MMBZ 5230B 5.1 8F MMBZ 5231B 5.6 8G MMBZ 5232B 6.0 8H MMBZ 5233B 8J 6.2 MMBZ 5234B 8K 6.8 MMBZ 5235B 8L 7.5 MMBZ 5236B 8M 8.2 MMBZ 5237B 8.7 8N MMBZ 5238B 9.1 8P MMBZ 5239B 10 8Q MMBZ 5240B 11 8R MMBZ 5241B 12 8S MMBZ 5242B VF Foward Voltage = 0.9 V Maximum @ IF NOTE: National preferred devices in BOLD = 10 mA for all MMBZ 5200 series 2000 Fairchild Semiconductor International MMBZ5226B-MMBZ5257B Rev A1 MMBZ5226B - MMBZ5257B Series MMBZ Series Zeners (continued) Electrical Characteristics Device MMBZ 5243B MMBZ 5244B MMBZ 5245B MMBZ 5246B MMBZ 5247B MMBZ 5248B MMBZ 5249B MMBZ 5250B MMBZ 5251B MMBZ 5252B MMBZ 5253B MMBZ 5254B MMBZ 5255B MMBZ 5256B MMBZ 5257B (continued) TA = 25C unless otherwise noted Mark 8T 8U 8V 8W 8X 8Y 8Z 81A 81B 81C 81D 81E 81F 81G 81H VZ (V) 13 14 15 16 17 18 19 20 22 24 25 27 28 30 33 ZZ () 13 15 16 17 19 21 23 25 29 33 35 41 44 49 58 IZT (mA) 9.5 9.0 8.5 7.8 7.4 7.0 6.6 6.2 5.6 5.2 5.0 4.6 4.5 4.2 3.8 ZZK () 600 600 600 600 600 600 600 600 600 600 600 600 600 600 700 IZK (mA) 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 VR (V) 9.9 10 11 12 13 14 14 15 17 18 19 21 21 23 25 IR (nA) 500 100 100 100 100 100 100 100 100 100 100 100 100 100 100 VF Foward Voltage = 0.9 V Maximum @ IF = 10 mA for all MMBZ 5200 series NOTE: National preferred devices in BOLD SOT-23 Tape and Reel Data and Package Dimensions SOT-23 Packaging Configuration: Figure 1. 0 Customized La bel Packaging Description: SOT-23 parts are shipped in tape. The carrier tape is made from a dissipative (carbon filled) polycarbonate resin. The cover tape is a m ultilayer film (Heat Activated Adhesive in na ture) primarily composed of polyester film, adhesive layer, sealant, and anti-static sprayed agent. These reeled pa in standard option are shipped with rts 3,000 units per 7" or 177cm diameter reel. The reels are dark blue in color an is made of polystyrene plastic (antid static coated). Other option comes in 10,000 units per 13" or 330cm diameter reel. This and s ome other options are described in the P ackaging Information table. These full reels are individually labeled and placed inside as tanda intermediate made of recyclable corrugated rd brown pap with a Fairchil d logo printing. One pizza box er contains eight reels maximum. And thes intermediate e boxes are placed inside a labeled shipping box which comes in different sizes depending on t e nu h mber of parts shippe d. Antistatic Cover Tape Human Readable Label Embossed Carrier Tape 3P SOT-23 Packaging Information Packaging Option Packaging type Qty per Reel/Tube/Bag Reel Size Box Dimension (mm) Max qty per Box Weight per unit (gm) Weight per Reel (kg) Note/Comments Standard (no flow code ) TNR 3,000 7" Dia 187x107x183 24,000 0.0082 0.1175 D87Z TNR 10,000 13" 343x343x64 30,000 0.0082 0.4006 3P 3P 3P SOT-23 Unit Orientation 343mm x 342mm x 64mm Intermediate box for L87Z Option Human Readable Label Human Readable Label sample H uman readable Label SOT-23 Tape Leader and Trailer Configuration: Figure 2. 0 187mm x 107mm x 183mm Intermediate Box for Stand Option ard Carrier Tape Cover Tape Components Trailer Tape 300mm minimum or 75 empty poc kets Leader Tape 500mm minimum or 125 empty pockets September 1999, Rev. C SOT-23 Tape and Reel Data and Package Dimensions, continued SOT-23 Embossed Carrier Tape Configuration: Figure 3.0 P0 T E1 P2 D0 D1 F E2 B0 Wc W Tc K0 P1 A0 User Direction of Feed Dimensions are in millimeter Pkg type SOT-23 (8mm) A0 3.15 +/-0.10 B0 2.77 +/-0.10 W 8.0 +/-0.3 D0 1.55 +/-0.05 D1 1.125 +/-0.125 E1 1.75 +/-0.10 E2 6.25 min F 3.50 +/-0.05 P1 4.0 +/-0.1 P0 4.0 +/-0.1 K0 1.30 +/-0.10 T 0.228 +/-0.013 Wc 5.2 +/-0.3 Tc 0.06 +/-0.02 Notes: A0, B0, and K0 dimensions are determined with respect to the EIA/Jedec RS-481 rotational and lateral movement requirements (see sketches A, B, and C). 20 deg maximum Typical component cavity center line 0.5mm maximum B0 20 deg maximum component rotation 0.5mm maximum Sketch A (Side or Front Sectional View) Component Rotation A0 Sketch B (Top View) Typical component center line Sketch C (Top View) Component lateral movement SOT-23 Reel Configuration: Figure 4.0 Component Rotation W1 Measured at Hub Dim A Max Dim A max Dim N See detail AA 7" Diameter Option B Min Dim C See detail AA W3 Dim D min 13" Diameter Option W2 max Measured at Hub DETAIL AA Dimensions are in inches and millimeters Tape Size 8mm Reel Option 7" Dia Dim A 7.00 177.8 13.00 330 Dim B 0.059 1.5 0.059 1.5 Dim C 512 +0.020/-0.008 13 +0.5/-0.2 512 +0.020/-0.008 13 +0.5/-0.2 Dim D 0.795 20.2 0.795 20.2 Dim N 2.165 55 4.00 100 Dim W1 0.331 +0.059/-0.000 8.4 +1.5/0 0.331 +0.059/-0.000 8.4 +1.5/0 Dim W2 0.567 14.4 0.567 14.4 Dim W3 (LSL-USL) 0.311 - 0.429 7.9 - 10.9 0.311 - 0.429 7.9 - 10.9 8mm 13" Dia September 1999, Rev. C SOT-23 Tape and Reel Data and Package Dimensions, continued SOT-23 (FS PKG Code 49) 1:1 Scale 1:1 on letter size paper Dimensions shown below are in: inches [millimeters] Part Weight per unit (gram): 0.0082 September 1998, Rev. A1 TRADEMARKS The following are registered and unregistered trademarks Fairchild Semiconductor owns or is authorized to use and is not intended to be an exhaustive list of all such trademarks. ACExTM BottomlessTM CoolFETTM CROSSVOLTTM E2CMOSTM FACTTM FACT Quiet SeriesTM FAST FASTrTM GTOTM DISCLAIMER HiSeCTM ISOPLANARTM MICROWIRETM POPTM PowerTrench QFETTM QSTM Quiet SeriesTM SuperSOTTM-3 SuperSOTTM-6 SuperSOTTM-8 SyncFETTM TinyLogicTM UHCTM VCXTM FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or 2. A critical component is any component of a life support device or system whose failure to perform can systems which, (a) are intended for surgical implant into be reasonably expected to cause the failure of the life the body, or (b) support or sustain life, or (c) whose support device or system, or to affect its safety or failure to perform when properly used in accordance with instructions for use provided in the labeling, can be effectiveness. reasonably expected to result in significant injury to the user. PRODUCT STATUS DEFINITIONS Definition of Terms Datasheet Identification Advance Information Product Status Formative or In Design Definition This datasheet contains the design specifications for product development. Specifications may change in any manner without notice. This datasheet contains preliminary data, and supplementary data will be published at a later date. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. This datasheet contains final specifications. Fairchild Semiconductor reserves the right to make changes at any time without notice in order to improve design. Preliminary First Production No Identification Needed Full Production Obsolete Not In Production This datasheet contains specifications on a product that has been discontinued by Fairchild semiconductor. The datasheet is printed for reference information only. Rev. E |
Price & Availability of MMBZ5226B |